Part Number Hot Search : 
BR1005 T91SAM7 00222 78L05 FR1003 DS128406 KPS2801 141031
Product Description
Full Text Search
 

To Download 3210630002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INIATURE FUSES MINIATURE FUSES
5x25mm/ 5x25mm No. 321
Indicator, Indicator, 250V
Time-Current Standard
Mittetrage (M) DIN 41577, T.2 None
Specifications
Packaging
002: Pack (100 pcs.)
Characteristic
Materials
Approvals
Tube: End Caps:
Ceramic Nickel-plated brass
Temperature Operating Temperature Climatic Category Stock Conditions
-25C to +70C (consider de-rating) -25C/+70C/21 days (EN 60068-1..3) +10C to +60C relative humidity 75% yearly average, without dew 24 cycles at 15 min. each (EN 60068-2-6) 10 - 60Hz at 0.75mm amplitude 60 - 2000Hz at 10g acceleration , M, Current Rating, 250V, C
Dimensions
O5,2 +0,1 - 0,2
Vibration Resistance
250,5
Kappe mit Kennmelder cap with indicator
Marking
Limits for Pre-arcing Time
Rated Current 80mA ... 100mA 125 mA ... 630 mA
1.5 x IRated
>1h
2.1 x IRated 2.75 x IRated
<2min -
4 x IRated
40ms ... 500ms 60ms ... 2s
10 x IRated
> 5ms
80% Permissible continuous operating current is 80% at ambient temperature of 23C (73.4F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral Current Code Rating Capacity 1.0 x IRated 1.5 x IRated 10 x IRated max. (mV) max. (W) min. (A2s)
80mA 100mA 125mA 160mA 200mA 250mA 315mA 400mA 500mA 630mA
1
color of indicator
0080 0100 0125 0160 0200 0250 0315 0400 0500 0630
250V1 250V1 250V1 250V1 250V1 250V1 250V1 250V1 1 250V1 250V
80A @ 250 V AC 50Hz cos = 1.0
520 500 500 480 400 500 470 400 400 380
on request
0.015 0.030 0.053 0.11 0.23 0.38 0.53 0.75 1.5 2.3
grey red velvet orange blue yellow black brown white green
operating voltage 10 V
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
012006
Qty.
OrderNumber
Series 321
Amp Code
Packaging
Specifications are subject to change without notice www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
INIATURE FUSES MINIATURE FUSES
5x25mm/ 5x25mm No. 321
Time (sec.)
I Fault / I Rated
Contact Littelfuse for individual I-t curves
012006
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 3210630002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X